Part Number Hot Search : 
BZX79C47 0DXXX DC702 109306 P1200 IRGPH20 3DT9D 3843A
Product Description
Full Text Search
 

To Download 74AUP1G86 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74AUP1G86 is a high-performance, low-power, low-voltage, si-gate cmos device, superior to most advanced cmos compatible ttl families. schmitt-trigger action at all inputs makes the circuit tolerant to slower input rise and fall times across the entire v cc range from 0.8 v to 3.6 v. this device ensures a very low static and dynamic power consumption across the entire v cc range from 0.8 v to 3.6 v. this device is fully speci?ed for partial power-down applications using i off . the i off circuitry disables the output, preventing the damaging back?ow current through the device when it is powered down. the 74AUP1G86 provides the single 2-input exclusive-or function. 2. features n wide supply voltage range from 0.8 v to 3.6 v n high noise immunity n complies with jedec standards: u jesd8-12 (0.8 v to 1.3 v) u jesd8-11 (0.9 v to 1.65 v) u jesd8-7 (1.2 v to 1.95 v) u jesd8-5 (1.8 v to 2.7 v) u jesd8-b (2.7 v to 3.6 v) n esd protection: u hbm jesd22-a114-c exceeds 2000 v u mm jesd22-a115-a exceeds 200 v u cdm jesd22-c101-c exceeds 1000 v n low static power consumption; i cc = 0.9 m a (maximum) n latch-up performance exceeds 100 ma per jesd 78 class ii n inputs accept voltages up to 3.6 v n low noise overshoot and undershoot < 10 % of v cc n i off circuitry provides partial power-down mode operation n multiple package options n speci?ed from - 40 cto+85 c and - 40 c to +125 c 74AUP1G86 low-power 2-input exclusive-or gate rev. 01 9 august 2004 product data sheet
9397 750 14684 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 01 9 august 2004 2 of 16 philips semiconductors 74AUP1G86 low-power 2-input exclusive-or gate 3. quick reference data [1] c pd is used to determine the dynamic power dissipation (p d in m w). p d =c pd v cc 2 f i n+ s (c l v cc 2 f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; s (c l v cc 2 f o ) = sum of the outputs. [2] the condition is v i = gnd to v cc . 4. ordering information 5. marking table 1: quick reference data gnd = 0 v; t amb =25 c; t r =t f 3ns. symbol parameter conditions min typ max unit t phl , t plh propagation delay a or b to y c l = 5 pf; r l =1m w ; v cc = 0.8 v - 21.2 - ns c l = 5 pf; r l =1m w ; v cc = 1.1 v to 1.3 v 2.3 5.9 13.1 ns c l = 5 pf; r l =1m w ; v cc = 1.4 v to 1.6 v 1.8 4.1 7.7 ns c l = 5 pf; r l =1m w ; v cc = 1.65 v to 1.95 v 1.5 3.3 5.9 ns c l = 5 pf; r l =1m w ; v cc = 2.3 v to 2.7 v 1.2 2.6 4.4 ns c l = 5 pf; r l =1m w ; v cc = 3.0 v to 3.6 v 1.0 2.3 4.0 ns c i input capacitance - 0.8 - pf c pd power dissipation capacitance v cc = 1.8 v; f = 10 mhz [1] [2] - 3.7 - pf v cc = 3.3 v; f = 10 mhz [1] [2] - 4.5 - pf table 2: ordering information type number package temperature range name description version 74AUP1G86gw - 40 c to +125 c tssop5 plastic thin shrink small outline package; 5 leads; body width 1.25 mm sot353-1 74AUP1G86gm - 40 c to +125 c xson6 plastic extremely thin small outline package; no leads; 6 terminals; body 1 1.45 0.5 mm sot886 table 3: marking type number marking code 74AUP1G86gw ph 74AUP1G86gm ph
9397 750 14684 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 01 9 august 2004 3 of 16 philips semiconductors 74AUP1G86 low-power 2-input exclusive-or gate 6. functional diagram 7. pinning information 7.1 pinning 7.2 pin description fig 1. logic symbol fig 2. iec logic symbol fig 3. logic diagram mna038 b a y 2 1 4 1 2 = 1 4 mna039 mna040 y b a fig 4. pin con?guration sot353-1 (tssop5) fig 5. pin con?guration sot886 (xson6) 86 bv cc a gnd y 001aab664 1 2 3 5 4 86 a 001aab665 b gnd n.c. v cc y transparent top view 2 3 1 5 4 6 table 4: pin description symbol pin description tssop5 xson6 b 1 1 data input b a 2 2 data input a gnd 3 3 ground (0 v) y 4 4 data output y n.c. - 5 not connected v cc 5 6 supply voltage
9397 750 14684 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 01 9 august 2004 4 of 16 philips semiconductors 74AUP1G86 low-power 2-input exclusive-or gate 8. functional description 8.1 function table [1] h = high voltage level; l = low voltage level. 9. limiting values [1] the input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] for tssop5 packages: above 87.5 c the value of p tot derates linearly with 4.0 mw/k. for xson6 packages: above 45 c the value of p tot derates linearly with 2.4 mw/k. table 5: function table [1] input output a b y ll l lh h hl h hh l table 6: limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage - 0.5 +4.6 v i ik input clamping current v i <0v - - 50 ma v i input voltage [1] - 0.5 +4.6 v i ok output clamping current v o >v cc or v o <0v - 50 ma v o output voltage active mode [1] - 0.5 v cc + 0.5 v power-down mode [1] - 0.5 +4.6 v i o output current v o =0 vtov cc - 20 ma i cc quiescent supply current - + 50 ma i gnd ground current - - 50 ma t stg storage temperature - 65 +150 c p tot total power dissipation t amb = - 40 c to +125 c [2] - 250 mw
9397 750 14684 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 01 9 august 2004 5 of 16 philips semiconductors 74AUP1G86 low-power 2-input exclusive-or gate 10. recommended operating conditions 11. static characteristics table 7: recommended operating conditions symbol parameter conditions min max unit v cc supply voltage 0.8 3.6 v v i input voltage 0 3.6 v v o output voltage active mode 0 v cc v power-down mode; v cc = 0 v 0 3.6 v t amb ambient temperature - 40 +125 c t r , t f input rise and fall times v cc = 0.8 v to 3.6 v 0 200 ns/v table 8: static characteristics at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit t amb = 25 c v ih high-state input voltage v cc = 0.8 v 0.70 v cc -- v v cc = 0.9 v to 1.95 v 0.65 v cc -- v v cc = 2.3 v to 2.7 v 1.6 - - v v cc = 3.0 v to 3.6 v 2.0 - - v v il low-state input voltage v cc = 0.8 v - - 0.30 v cc v v cc = 0.9 v to 1.95 v - - 0.35 v cc v v cc = 2.3 v to 2.7 v - - 0.7 v v cc = 3.0 v to 3.6 v - - 0.9 v v oh high-state output voltage v i = v ih or v il i o = - 20 m a; v cc = 0.8 v to 3.6 v v cc - 0.1 - - v i o = - 1.1 ma; v cc = 1.1 v 0.75 v cc -- v i o = - 1.7 ma; v cc = 1.4 v 1.11 - - v i o = - 1.9 ma; v cc = 1.65 v 1.32 - - v i o = - 2.3 ma; v cc = 2.3 v 2.05 - - v i o = - 3.1 ma; v cc = 2.3 v 1.9 - - v i o = - 2.7 ma; v cc = 3.0 v 2.72 - - v i o = - 4.0 ma; v cc = 3.0 v 2.6 - - v v ol low-state output voltage v i = v ih or v il i o = 20 m a; v cc = 0.8 v to 3.6 v - - 0.1 v i o = 1.1 ma; v cc = 1.1 v - - 0.3 v cc v i o = 1.7 ma; v cc = 1.4 v - - 0.31 v i o = 1.9 ma; v cc = 1.65 v - - 0.31 v i o = 2.3 ma; v cc = 2.3 v - - 0.31 v i o = 3.1 ma; v cc = 2.3 v - - 0.44 v i o = 2.7 ma; v cc = 3.0 v - - 0.31 v i o = 4.0 ma; v cc = 3.0 v - - 0.44 v
9397 750 14684 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 01 9 august 2004 6 of 16 philips semiconductors 74AUP1G86 low-power 2-input exclusive-or gate i li input leakage current v i = gnd to 3.6 v; v cc = 0 v to 3.6 v - - 0.1 m a i off power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v - - 0.2 m a d i off additional power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v to 0.2 v -- 0.2 m a i cc quiescent supply current v i = gnd or v cc ; i o = 0 a; v cc = 0.8 v to 3.6 v - - 0.5 m a d i cc additional quiescent supply current v i = v cc - 0.6 v; i o = 0 a; v cc = 3.3 v [1] --40 m a c i input capacitance v cc = 0 v to 3.6 v; v i = gnd or v cc - 0.8 - pf c o output capacitance v o = gnd; v cc = 0 v - 1.7 - pf t amb = - 40 c to +85 c v ih high-state input voltage v cc = 0.8 v 0.70 v cc -- v v cc = 0.9 v to 1.95 v 0.65 v cc -- v v cc = 2.3 v to 2.7 v 1.6 - - v v cc = 3.0 v to 3.6 v 2.0 - - v v il low-state input voltage v cc = 0.8 v - - 0.30 v cc v v cc = 0.9 v to 1.95 v - - 0.35 v cc v v cc = 2.3 v to 2.7 v - - 0.7 v v cc = 3.0 v to 3.6 v - - 0.9 v v oh high-state output voltage v i = v ih or v il i o = - 20 m a; v cc = 0.8 v to 3.6 v v cc - 0.1 - - v i o = - 1.1 ma; v cc = 1.1 v 0.7 v cc -- v i o = - 1.7 ma; v cc = 1.4 v 1.03 - - v i o = - 1.9 ma; v cc = 1.65 v 1.30 - - v i o = - 2.3 ma; v cc = 2.3 v 1.97 - - v i o = - 3.1 ma; v cc = 2.3 v 1.85 - - v i o = - 2.7 ma; v cc = 3.0 v 2.67 - - v i o = - 4.0 ma; v cc = 3.0 v 2.55 - - v v ol low-state output voltage v i = v ih or v il i o = 20 m a; v cc = 0.8 v to 3.6 v - - 0.1 v i o = 1.1 ma; v cc = 1.1 v - - 0.3 v cc v i o = 1.7 ma; v cc = 1.4 v - - 0.37 v i o = 1.9 ma; v cc = 1.65 v - - 0.35 v i o = 2.3 ma; v cc = 2.3 v - - 0.33 v i o = 3.1 ma; v cc = 2.3 v - - 0.45 v i o = 2.7 ma; v cc = 3.0 v - - 0.33 v i o = 4.0 ma; v cc = 3.0 v - - 0.45 v i li input leakage current v i = gnd to 3.6 v; v cc = 0 v to 3.6 v - - 0.5 m a i off power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v - - 0.5 m a d i off additional power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v to 0.2 v -- 0.6 m a table 8: static characteristics continued at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit
9397 750 14684 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 01 9 august 2004 7 of 16 philips semiconductors 74AUP1G86 low-power 2-input exclusive-or gate [1] one input at v cc - 0.6 v, other input at v cc or gnd. i cc quiescent supply current v i = gnd or v cc ; i o = 0 a; v cc = 0.8 v to 3.6 v - - 0.9 m a d i cc additional quiescent supply current v i = v cc - 0.6 v; i o = 0 a; v cc = 3.3 v [1] --50 m a t amb = - 40 c to +125 c v ih high-state input voltage v cc = 0.8 v 0.75 v cc -- v v cc = 0.9 v to 1.95 v 0.70 v cc -- v v cc = 2.3 v to 2.7 v 1.6 - - v v cc = 3.0 v to 3.6 v 2.0 - - v v il low-state input voltage v cc = 0.8 v - - 0.25 v cc v v cc = 0.9 v to 1.95 v - - 0.30 v cc v v cc = 2.3 v to 2.7 v - - 0.7 v v cc = 3.0 v to 3.6 v - - 0.9 v v oh high-state output voltage v i = v ih or v il i o = - 20 m a; v cc = 0.8 v to 3.6 v v cc - 0.11 - - v i o = - 1.1 ma; v cc = 1.1 v 0.6 v cc -- v i o = - 1.7 ma; v cc = 1.4 v 0.93 - - v i o = - 1.9 ma; v cc = 1.65 v 1.17 - - v i o = - 2.3 ma; v cc = 2.3 v 1.77 - - v i o = - 3.1 ma; v cc = 2.3 v 1.67 - - v i o = - 2.7 ma; v cc = 3.0 v 2.40 - - v i o = - 4.0 ma; v cc = 3.0 v 2.30 - - v v ol low-state output voltage v i = v ih or v il i o = 20 m a; v cc = 0.8 v to 3.6 v - - 0.11 v i o = 1.1 ma; v cc = 1.1 v - - 0.33 v cc v i o = 1.7 ma; v cc = 1.4 v - - 0.41 v i o = 1.9 ma; v cc = 1.65 v - - 0.39 v i o = 2.3 ma; v cc = 2.3 v - - 0.36 v i o = 3.1 ma; v cc = 2.3 v - - 0.50 v i o = 2.7 ma; v cc = 3.0 v - - 0.36 v i o = 4.0 ma; v cc = 3.0 v - - 0.50 v i li input leakage current v i = gnd to 3.6 v; v cc = 0 v to 3.6 v - - 0.75 m a i off power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v - - 0.75 m a d i off additional power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v to 0.2 v -- 0.75 m a i cc quiescent supply current v i = gnd or v cc ; i o = 0 a; v cc = 0.8 v to 3.6 v - - 1.4 m a d i cc additional quiescent supply current v i = v cc - 0.6 v; i o = 0 a; v cc = 3.3 v [1] --75 m a table 8: static characteristics continued at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit
9397 750 14684 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 01 9 august 2004 8 of 16 philips semiconductors 74AUP1G86 low-power 2-input exclusive-or gate 12. dynamic characteristics table 9: dynamic characteristics voltages are referenced to gnd (groun d = 0 v); for test circuit see figure 7 symbol parameter conditions min typ [1] max unit t amb = 25 c; c l = 5 pf t phl , t plh propagation delay a or b to y see figure 6 v cc = 0.8 v - 21.2 - ns v cc = 1.1 v to 1.3 v 2.3 5.9 13.1 ns v cc = 1.4 v to 1.6 v 1.8 4.1 7.7 ns v cc = 1.65 v to 1.95 v 1.5 3.3 5.9 ns v cc = 2.3 v to 2.7 v 1.2 2.6 4.4 ns v cc = 3.0 v to 3.6 v 1.0 2.3 4.0 ns t amb = 25 c; c l = 10 pf t phl , t plh propagation delay a or b to y see figure 6 v cc = 0.8 v - 24.7 - ns v cc = 1.1 v to 1.3 v 2.6 6.8 14.8 ns v cc = 1.4 v to 1.6 v 2.2 4.8 8.7 ns v cc = 1.65 v to 1.95 v 1.8 3.9 6.7 ns v cc = 2.3 v to 2.7 v 1.5 3.1 5.2 ns v cc = 3.0 v to 3.6 v 1.3 2.9 4.8 ns t amb = 25 c; c l = 15 pf t phl , t plh propagation delay a or b to y see figure 6 v cc = 0.8 v - 28.2 - ns v cc = 1.1 v to 1.3 v 3.0 7.6 16.5 ns v cc = 1.4 v to 1.6 v 2.4 5.3 9.6 ns v cc = 1.65 v to 1.95 v 2.1 4.4 7.5 ns v cc = 2.3 v to 2.7 v 1.8 3.6 5.9 ns v cc = 3.0 v to 3.6 v 1.6 3.3 5.4 ns t amb = 25 c; c l = 30 pf t phl , t plh propagation delay a or b to y see figure 6 v cc = 0.8 v - 38.5 - ns v cc = 1.1 v to 1.3 v 3.9 9.9 21.5 ns v cc = 1.4 v to 1.6 v 3.2 6.9 12.5 ns v cc = 1.65 v to 1.95 v 2.8 5.7 9.8 ns v cc = 2.3 v to 2.7 v 2.4 4.7 7.6 ns v cc = 3.0 v to 3.6 v 2.2 4.4 7.1 ns
9397 750 14684 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 01 9 august 2004 9 of 16 philips semiconductors 74AUP1G86 low-power 2-input exclusive-or gate [1] all typical values are measured at nominal v cc . [2] c pd is used to determine the dynamic power dissipation (p d in m w). p d =c pd v cc 2 f i n+ s (c l v cc 2 f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; s (c l v cc 2 f o ) = sum of the outputs. [3] the condition is v i = gnd to v cc . t amb = 25 c c pd power dissipation capacitance f = 10 mhz [2] [3] v cc = 0.8 v - 3.4 - pf v cc = 1.1 v to 1.3 v - 3.5 - pf v cc = 1.4 v to 1.6 v - 3.6 - pf v cc = 1.65 v to 1.95 v - 3.7 - pf v cc = 2.3 v to 2.7 v - 4.1 - pf v cc = 3.0 v to 3.6 v - 4.5 - pf table 9: dynamic characteristics continued voltages are referenced to gnd (groun d = 0 v); for test circuit see figure 7 symbol parameter conditions min typ [1] max unit table 10: dynamic characteristics voltages are referenced to gnd (groun d = 0 v); for test circuit see figure 7 symbol parameter conditions - 40 c to +85 c - 40 c to +125 c unit min max min max c l = 5 pf t phl , t plh propagation delay a or b to y see figure 6 v cc = 1.1 v to 1.3 v 2.1 14.3 2.1 15.8 ns v cc = 1.4 v to 1.6 v 1.6 8.8 1.6 9.7 ns v cc = 1.65 v to 1.95 v 1.4 6.9 1.4 7.6 ns v cc = 2.3 v to 2.7 v 1.1 5.3 1.1 5.9 ns v cc = 3.0 v to 3.6 v 0.9 4.7 0.9 5.2 ns c l = 10 pf t phl , t plh propagation delay a or b to y see figure 6 v cc = 1.1 v to 1.3 v 2.4 16.2 2.4 17.9 ns v cc = 1.4 v to 1.6 v 1.9 10.0 1.9 11.0 ns v cc = 1.65 v to 1.95 v 1.7 8.0 1.7 8.8 ns v cc = 2.3 v to 2.7 v 1.4 6.2 1.4 6.9 ns v cc = 3.0 v to 3.6 v 1.3 5.6 1.3 6.2 ns
9397 750 14684 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 01 9 august 2004 10 of 16 philips semiconductors 74AUP1G86 low-power 2-input exclusive-or gate 13. waveforms c l = 15 pf t phl , t plh propagation delay a or b to y see figure 6 v cc = 1.1 v to 1.3 v 2.7 18.1 2.7 20.0 ns v cc = 1.4 v to 1.6 v 2.2 11.3 2.2 12.5 ns v cc = 1.65 v to 1.95 v 1.9 9.0 1.9 9.9 ns v cc = 2.3 v to 2.7 v 1.6 7.0 1.6 7.7 ns v cc = 3.0 v to 3.6 v 1.5 6.4 1.5 7.1 ns c l = 30 pf t phl , t plh propagation delay a or b to y see figure 6 v cc = 1.1 v to 1.3 v 3.5 24.1 3.5 26.6 ns v cc = 1.4 v to 1.6 v 2.8 14.8 2.8 16.3 ns v cc = 1.65 v to 1.95 v 2.5 11.7 2.5 12.9 ns v cc = 2.3 v to 2.7 v 2.2 9.1 2.2 10.1 ns v cc = 3.0 v to 3.6 v 2.1 8.3 2.1 9.2 ns table 10: dynamic characteristics continued voltages are referenced to gnd (groun d = 0 v); for test circuit see figure 7 symbol parameter conditions - 40 c to +85 c - 40 c to +125 c unit min max min max measurement points are given in t ab le 11 . logic levels: v ol and v oh are typical output voltage drop that occur with the output load. fig 6. the data input (a or b) to output (y) propagation delays table 11: measurement points supply voltage output input v cc v m v m v i t r = t f 0.8 v to 3.6 v 0.5 v cc 0.5 v cc v cc 3.0 ns mna615 t phl t plh v m v m a, b input y output gnd v i v oh v ol
9397 750 14684 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 01 9 august 2004 11 of 16 philips semiconductors 74AUP1G86 low-power 2-input exclusive-or gate [1] for measuring enable and disable times r l =5k w , for measuring propagation delays, setup and hold times and pulse width r l = 1 m w . test data is given in t ab le 12 . de?nitions for test circuit: r l = load resistor. c l = load capacitance including jig and probe capacitance r t = termination resistance should be equal to the output impedance z o of the pulse generator fig 7. load circuitry for switching times table 12: test data supply voltage load v ext v cc c l r l [1] t plh , t phl t pzh , t phz t pzl , t plz 0.8 v to 3.6 v 5 pf, 10 pf, 15 pf and 30 pf 5 k w or 1 m w open gnd 2 v cc 001aac521 pulse generator dut r t v i v o v ext v cc r l 5 k w c l
9397 750 14684 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 01 9 august 2004 12 of 16 philips semiconductors 74AUP1G86 low-power 2-input exclusive-or gate 14. package outline fig 8. package outline sot353-1 (tssop5) unit a 1 a max. a 2 a 3 b p l h e l p wy v ce d (1) e (1) z (1) q references outline version european projection issue date iec jedec jeita mm 0.1 0 1.0 0.8 0.30 0.15 0.25 0.08 2.25 1.85 1.35 1.15 0.65 e 1 1.3 2.25 2.0 0.60 0.15 7 0 0.1 0.1 0.3 0.425 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 0.46 0.21 sot353-1 mo-203 sc-88a 00-09-01 03-02-19 w m b p d z e e 1 0.15 13 5 4 q a a 2 a 1 l p (a 3 ) detail x l h e e c v m a x a y 1.5 3 mm 0 scale tssop5: plastic thin shrink small outline package; 5 leads; body width 1.25 mm sot353-1 1.1
9397 750 14684 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 01 9 august 2004 13 of 16 philips semiconductors 74AUP1G86 low-power 2-input exclusive-or gate fig 9. package outline sot886 (xson6) terminal 1 index area references outline version european projection issue date iec jedec jeita sot886 mo-252 sot886 04-07-15 04-07-22 dimensions (mm are the original dimensions) xson6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm d e e 1 e a 1 b l l 1 e 1 0 1 2 mm scale notes 1. including plating thickness. 2. can be visible in some manufacturing processes. unit mm 0.25 0.17 1.5 1.4 0.35 0.27 a 1 max b e 1.05 0.95 d ee 1 l 0.40 0.32 l 1 0.5 0.6 a (1) max 0.5 0.04 1 6 2 5 3 4 6 (2) 4 (2) a
9397 750 14684 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 01 9 august 2004 14 of 16 philips semiconductors 74AUP1G86 low-power 2-input exclusive-or gate 15. abbreviations 16. revision history table 13: abbreviations acronym description cmos complementary metal oxide semiconductor ttl transistor transistor logic hbm human body model esd electrostatic discharge mm machine model cdm charged device model table 14: revision history document id release date data sheet status change notice doc. number supersedes 74AUP1G86_1 20050809 product data sheet - 9397 750 14684 -
philips semiconductors 74AUP1G86 low-power 2-input exclusive-or gate 9397 750 14684 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 01 9 august 2004 15 of 16 17. data sheet status [1] please consult the most recently issued data sheet before initiating or completing a design. [2] the product status of the device(s) described in this data sheet may have changed since this data sheet was published. the l atest information is available on the internet at url http://www.semiconductors.philips.com. [3] for data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. 18. de?nitions short-form speci?cation the data in a short-form speci?cation is extracted from a full data sheet with the same type number and title. for detailed information see the relevant data sheet or data handbook. limiting values de?nition limiting values given are in accordance with the absolute maximum rating system (iec 60134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the speci?cation is not implied. exposure to limiting values for extended periods may affect device reliability. application information applications that are described herein for any of these products are for illustrative purposes only. philips semiconductors make no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. 19. disclaimers life support these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips semiconductors for any damages resulting from such application. right to make changes philips semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. when the product is in full production (status production), relevant changes will be communicated via a customer product/process change noti?cation (cpcn). philips semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise speci?ed. 20. trademarks notice all referenced brands, product names, service names and trademarks are the property of their respective owners. 21. contact information for additional information, please visit: http://www.semiconductors.philips.com for sales of?ce addresses, send an email to: sales.addresses@www.semiconductors.philips.com level data sheet status [1] product status [2] [3] de?nition i objective data development this data sheet contains data from the objective speci?cation for product development. philips semiconductors reserves the right to change the speci?cation in any manner without notice. ii preliminary data quali?cation this data sheet contains data from the preliminary speci?cation. supplementary data will be published at a later date. philips semiconductors reserves the right to change the speci?cation without notice, in order to improve the design and supply the best possible product. iii product data production this data sheet contains data from the product speci?cation. philips semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. relevant changes will be communicated via a customer product/process change noti?cation (cpcn).
? koninklijke philips electronics n.v. 2005 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. date of release: 9 august 2004 document number: 9397 750 14684 published in the netherlands philips semiconductors 74AUP1G86 low-power 2-input exclusive-or gate 22. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 3 quick reference data . . . . . . . . . . . . . . . . . . . . . 2 4 ordering information . . . . . . . . . . . . . . . . . . . . . 2 5 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 6 functional diagram . . . . . . . . . . . . . . . . . . . . . . 3 7 pinning information . . . . . . . . . . . . . . . . . . . . . . 3 7.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 7.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 8 functional description . . . . . . . . . . . . . . . . . . . 4 8.1 function table . . . . . . . . . . . . . . . . . . . . . . . . . . 4 9 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 10 recommended operating conditions. . . . . . . . 5 11 static characteristics. . . . . . . . . . . . . . . . . . . . . 5 12 dynamic characteristics . . . . . . . . . . . . . . . . . . 8 13 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 14 package outline . . . . . . . . . . . . . . . . . . . . . . . . 12 15 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 14 16 revision history . . . . . . . . . . . . . . . . . . . . . . . . 14 17 data sheet status . . . . . . . . . . . . . . . . . . . . . . . 15 18 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 19 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 20 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 21 contact information . . . . . . . . . . . . . . . . . . . . 15


▲Up To Search▲   

 
Price & Availability of 74AUP1G86

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X